データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AAA データシート(PDF) 2 Page - Silicon Laboratories

部品番号 AAA
部品情報  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AAA データシート(HTML) 2 Page - Silicon Laboratories

  AAA Datasheet HTML 1Page - Silicon Laboratories AAA Datasheet HTML 2Page - Silicon Laboratories AAA Datasheet HTML 3Page - Silicon Laboratories AAA Datasheet HTML 4Page - Silicon Laboratories AAA Datasheet HTML 5Page - Silicon Laboratories AAA Datasheet HTML 6Page - Silicon Laboratories AAA Datasheet HTML 7Page - Silicon Laboratories AAA Datasheet HTML 8Page - Silicon Laboratories AAA Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Si4455-2WayLink-DEMO
2
Rev. 0.1
Figure 1. Si4455 RFStick 434 MHz Transceiver Board (P/N 4455-LED-434-PER)
Figure 2. Toolstick Base Adapter (P/N Toolstick_BA)
For more information on using the RFstick and the Toolstick Base Adapter together to develop your own
application please refer to the “AN692: Si4355/Si4455 Programming Guide and Sample Code.”
The demo boards come with the Si4455 range test demo application; however, be sure to use the latest version of
the application. The user can update the firmware on the boards using the firmware update functionality of the
WDS. For more information on updating the firmware, refer to the "WDS User's Guide for EZRadio Next
Generation".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14