データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3447MT データシート(PDF) 7 Page - Texas Instruments

部品番号 LM3447MT
部品情報  a Phase-Dimmable, Primary-Side Regulated LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3447MT データシート(HTML) 7 Page - Texas Instruments

Back Button LM3447MT Datasheet HTML 3Page - Texas Instruments LM3447MT Datasheet HTML 4Page - Texas Instruments LM3447MT Datasheet HTML 5Page - Texas Instruments LM3447MT Datasheet HTML 6Page - Texas Instruments LM3447MT Datasheet HTML 7Page - Texas Instruments LM3447MT Datasheet HTML 8Page - Texas Instruments LM3447MT Datasheet HTML 9Page - Texas Instruments LM3447MT Datasheet HTML 10Page - Texas Instruments LM3447MT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
Test Procedure
6
Test Procedure
6.1
Line/Load Regulation and Efficiency Measurement Procedure
1. Connect EVM per Figure 2 above. An external LED load must be used to start up the EVM.
2. Prior to turning on the AC source, set the voltage to 90 V
RMS.
3. Turn on the AC source.
4. Record the output voltage and current readings from Voltmeter 2 and output current reading from
Ammeter 2 and input voltage reading from Voltmeter 1 and current from Ammeter 1.
5. Increase output voltage by 5 V
RMS.
6. Repeat steps 4 and 5 until 135 V
AC is reached.
7. Refer to Section 6.2 for shutdown procedure.
6.2
Equipment Shutdown
1. Turn off equipment.
2. Make sure capacitors are discharged.
6.3
EVM Phase Angle Decode vs LED Current
1. Connect EVM per Figure 2 above. An external LED load must be used to start up the EVM.
2. Prior to turning on the AC source, set the voltage to 120 VRMS.
3. Connect scope probe to EVM per Figure 2 above to bridge rectifier output.
4. Turn on the AC source.
5. Record the output voltage and current readings from Voltmeter 2 and output current reading from
Ammeter 2 and input voltage reading from Voltmeter 1 and current from Ammeter 1.
6. Set dimmer to minimum setting and vary by 1.0 msec till 8 msec is reached and record in 5 above.
7. Refer to Section 6.2 for shutdown procedure.
NOTE:
Scope must be isolated.
7
SLUU937 – May 2012
LM3447-A19-120VEVM is a Phase-Dimmable, Primary-Side Regulated LED
Driver
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com