| データシートサーチシステム |
|
IPS21 データシート(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IPS21 データシート(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 12 page ![]() Power Management IPS20 and IPS21 © Copyright 2006-2009 - ASIC Advantage, Inc. AADS00001/AA743 - Revision 5– Dec 2008 5 / 12 AUXILLIARY POWER SUPPLY This simple circuitry allows to supply the chip with a separate power line. In case of short-circuit, when Vout+ < Vcc, the chip still keeps working properly and limits the output current to its maximum targeted value. DERIVATIVE OF AAI’s PATENTED SNUBBER NETWORK This technique powers the feedback controller under all circumstances including short-circuits and is especially suitable for flyback, PFC and forward converters. TR1 VCC 1 VSENSE 2 VCOMP 3 OPTO 4 GND 8 OUT(-) 7 IS 6 ICOMP 5 U1 IPS20/21 D1 SCHOTTKY D2 + C4 + C2 R1 R2 VOUT+ VOUT- D3 C1 + C3 snubber network TR1 VCC 1 VSENSE 2 VCOMP 3 OPTO 4 GND 8 OUT(-) 7 IS 6 ICOMP 5 U1 IPS20/21 D1 SCHOTTKY D2 DIODE + C1 + C2 R1 R2 VOUT+ VOUT- C3 Auxilliary Power Supply |