| データシートサーチシステム |
|
TNETX4080 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX4080 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 64 page ![]() TNETX4080 ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) Switching Engine (Queue Manager) Rambus DRAM Controller VLAN 802.1Q and Address-Lookup Engine 1024 CAM Hardware RMON and Etherstat MIB JTAG I/F LED I/F MDIO I/F 100-M Management MAC CPU I/F With DMA EEPROM I/F 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII 10/100 MAC MII Local Packet Switching Memory Figure 1. TNETX4080 Block Diagram The TNETX4080 memory solution combines low cost and extremely high bandwidth, using 600-Mbit/pin/s concurrent RDRAM. The packet memory has been implemented to maximize efficiency with the RDRAM architecture. Data is buffered internally and transferred to/from packet memory in 128-byte bursts. Extremely high memory bandwidth is maintained, allowing all ports to be active without bottlenecking at the memory buffer. The TNETX4080 is fabricated with a 2.5-V technology. The inputs are 3.3-V tolerant and the outputs are capable of directly interfacing to TTL levels. This provides the customer with a broad choice of interfacing device options. Signal names and their terminal assignments are sorted alphabetically in Table 1. |