| データシートサーチシステム |
|
Y-CONC-R422M-RJ6P-2000-B データシート(PDF) 13 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R422M-RJ6P-2000-B データシート(HTML) 13 Page - YAMAHA CORPORATION |
|
13 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 12 Y-ConC - R40 6M - RJ 2S - 2000 - A Part Number Example for RJ45 Cable Assemblies RJ45 with 4+0 contacts Series IP67 metal cover IP20 with strain relief Length in mm Wiring Plan RJ45 Series Part Number (Details) Y-ConC - *** ** - ** ** - **** - * Interface side 1 R40 = RJ45, 4+0 contacts R42 = RJ45, 4+2 contacts R60 = RJ45, 6+0 contacts R62 = RJ45, 6+2 contacts R80 = RJ45, 8+0 contacts R82 = RJ45, 8+2 contacts Protection side 1 6P = IP67 plastic cover 6M = IP67 metal cover 2S = IP20 strain relief 2L = IP20Lock strain relief 2U = IP20Lock 90° molded 2M = IP20 metal cover CU = customer specific Interface side 2 RJ = RJ45 CU = customer specific FE = free end (cut only) Protection side 2 6P = IP67 plastic cover 6M = IP metal cover 2S = IP20 strain relief 2L = IP20Lock strain relief 2U = IP20Lock 90° moulded 2M = IP20 metal cover CU = customer specific Length in mm Wiring Plan A = T568A 1:1, B = T568A crossover, C = T568B 1 :1, D = T568B crossover, F = Custom |