| データシートサーチシステム |
|
SST48CF032-C1 データシート(PDF) 39 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST48CF032-C1 データシート(HTML) 39 Page - Silicon Storage Technology, Inc |
|
39 / 60 page ![]() Data Sheet CompactFlash Card SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256 39 ©2001 Silicon Storage Technology, Inc. S71125-03-000 9/01 375 3.2.1.1 Check Power Mode - 98H or E5H This command checks the power mode. Because SST CompactFlash card can recover from sleep in 200ms, idle mode is never enabled. CompactFlash card sets BSY, sets the Sector Count Register to 00H, clears BSY and generates an interrupt. 3.2.1.2 Execute Drive Diagnostic - 90H This command performs the internal diagnostic tests implemented by the CompactFlash card. If in PCMCIA configuration this command runs only on the CompactFlash card which is addressed by the Drive/Head register when the diagnostic command is issued. This is because PCMCIA card interface does not allows for direct inter-drive communication (such as the ATA PDIAG and DASP signals). If in True IDE Mode the Drive bit is ignored and the diagnostic command is executed by both the Master and the Slave with the Master responding with status for both devices. The Diagnostic codes shown in Table 3-7 are returned in the Error Register at the end of the command. Bit -> 76 54 32 10 Command (7) 97H or E5H C/D/H (6) XDrive X Cyl High (5) X Cyl Low (4) X Sec Num (3) X Sec Cnt (2) X Feature (1) X Bit -> 76 54 32 10 Command (7) 90H C/D/H (6) XDrive X Cyl High (5) X Cyl Low (4) X Sec Num (3) X Sec Cnt (2) X Feature (1) X TABLE 3-7: DIAGNOSTIC CODES Code Error Type 01H No Error Detected 02H Formatter Device Error 03H Sector Buffer Error 04H ECC Circuitry Error 05H Controlling Microprocessor Error 8XH Slave Error in True IDE Mode T3-7.0 375 |