| データシートサーチシステム |
|
SST58LD032 データシート(PDF) 34 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST58LD032 データシート(HTML) 34 Page - Silicon Storage Technology, Inc |
|
34 / 40 page ![]() 34 Data Sheet ATA-Disk Chip SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 ©2001 Silicon Storage Technology, Inc. S71167-05-000 9/01 391 3.2.2 Error Posting The following table summarizes the valid status and error value for all the ADC Command set. TABLE 3-6: ERROR AND STATUS REGISTER Command Error Register Status Register BBK UNC IDNF ABRT AMNF DRDY DWF DSC CORR ERR Check Power Mode V V V V V Execute Drive Diagnostic1 1. See Table 3-3 V = valid on this command VVV Format Track VVVVVV V Identify Drive V V V V V Idle V VVV V Idle Immediate V V V V V Initialize Drive Parameters V V V Read Buffer V VVV V Read Multiple VVVVVVVVVV Read Long Sector V VVVVVV V Read Sector(s) VVVVVVVVVV Read Verify Sectors VVVVVVVVVV Recalibrate V V V V V Seek VV VVV V Set Features V V V V V Set Multiple Mode V V V V V Set Sleep Mode V V V V V Standby V V V V V Standby Immediate V V V V V Write Buffer V VVV V Write Long Sector V VVVVVV V Write Multiple V VVVVVV V Write Sector(s) V VVVVVV V Write Verify V VVVVVV V Invalid Command Code V V V V V T3-6.0 391 |