| データシートサーチシステム |
|
DS41356B データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DS41356B データシート(HTML) 39 Page - Microchip Technology |
|
39 / 54 page ![]() © 2009 Microchip Technology Inc. DS41356B-page 35 EXAMPLE 2-10: INITIALIZEUSART() CODE The reader is encouraged to review the data sheet for the PIC18F14K50 EUSART section for more information on the specifics of the configuration code. Next, the application specific code will be added that will implement the flowchart shown in Figure 2-6. 10. Scroll down to the ProcessIO()and copy and paste the contents of Example 2-11 into the section labeled: /***************************************************** ADD CODE TO CHECK IF RS232 HAS BEEN SENT ALONG USB AND THE CODE TO CHECK IF ANY NEW RS232 TRANSMISSION HAS BEEN RECEIVED AND STORED ******************************************************/ As per the flowchart in Figure 2-6, this code will ensure that the buffer containing the data transmitted from the RS-232 has been sent to the USB firmware. If so, the code then checks for any new RS-232 data that has been stored in the buffer. #if defined(__18CXX) unsigned char c; #if defined(__18F14K50) ANSELHbits.ANS11 = 0; // Make RB5 digital so USART can //use pin for Rx #endif UART_TRISRx=1; // RX UART_TRISTx=0; // TX TXSTA = 0x24; // TX enable BRGH=1 RCSTA = 0x90; // Single Character RX SPBRG = 0x70; SPBRGH = 0x02; // 0x0271 for 48MHz -> 19200 baud BAUDCON = 0x08; // BRG16 = 1 c = RCREG; // read #endif |