| データシートサーチシステム |
|
SS12SDP2 データシート(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SS12SDP2 データシート(HTML) 8 Page - Texas Instruments |
|
8 / 34 page ![]() ADS1248EVM-PDK Kit Operation www.ti.com 7.3 Default Jumper Settings and Switch Positions Figure 3 shows the jumpers found on the EVM and the respective factory default conditions for each. Figure 3. ADS1248EVM Default Jumper Locations Table 6 lists the switches found on the EVM and the respective factory default conditions for each. Table 6. List of Switches Switch Default Position Switch Description S1 Left Onboard reference 8 ADS1248EVM-PDK Kit Operation This section provides information on using the ADS1248EVM-PDK, including setup, program installation, and program usage. To prepare to evaluate the ADS1248 with the ADS1248EVM-PDK, complete the following steps: Step 1. Install the ADCPro software (if not already installed) on a PC. Step 2. Install the ADS1248EVM-PDK EVM plug-in software. Step 3. Complete the USB driver installation process. Step 4. Set up the ADS1248EVM-PDK. Step 5. Connect the ADS1248EVM-PDK to the computer with a USB cable. Step 6. Run the ADCPro software. Each task is described in the subsequent sections of this document. 8 ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK SBAU142B – April 2009 – Revised May 2011 Submit Documentation Feedback Copyright © 2009–2011, Texas Instruments Incorporated |