| データシートサーチシステム |
|
SL3ICS1202 データシート(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1202 データシート(HTML) 34 Page - NXP Semiconductors |
|
34 / 56 page ![]() 139036 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.6 — 10 March 2011 139036 34 of 56 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 15.8.1 Select For a detailed description of the mandatory Select command refer to Section 18, Ref. 1, section 6.3.2.10. 15.9 Mandatory Inventory Commands Inventory commands are used to run the collision arbitration protocol. 15.9.1 Query For a detailed description of the mandatory Query command refer to Section 18, Ref. 1, section 6.3.2.10. 15.9.2 QueryAdjust For a detailed description of the mandatory QueryAdjust command refer to Section 18, Ref. 1, section 6.3.2.10. 15.9.3 QueryRep For a detailed description of the mandatory QueryRep command refer to Section 18, Ref. 1, section 6.3.2.10. 15.9.4 ACK For a detailed description of the mandatory ACK command refer to Section 18, Ref. 1, section 6.3.2.10. 15.9.5 NAK For a detailed description of the mandatory NAK command refer to Section 18, Ref. 1, section 6.3.2.10. |