| データシートサーチシステム |
|
POE576U-4MP-N-R データシート(PDF) 33 Page - Phihong USA Inc. |
|
|
|||||||||||||||||||||||||||||
POE576U-4MP-N-R データシート(HTML) 33 Page - Phihong USA Inc. |
|
33 / 45 page ![]() Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678 www.phihong.com or www.midspans.com -33- 4.4 Using MG-SOFT MIB Browser to run Phihong Midspan As an example, we have detailed instructions on how to operate a Phihong Midspan using the MG- SOFT MIB browser. These instructions do not apply to all MIB browsers, please see instructions for your specific browser if you don’t want to use this software. 4.4.1 Generate Phihong-POE-MIB module It is assumed that MG-Soft MIB browser is already installed on your PC. For detailed operation information, users can get help by choosing from the menu Help » User Manual when the MG-SOFT MIB Browser is opened. 1. Open the MIB Browser and click the Continue button on the Welcome popup window. A Tip of the Day window may pop-up for certain options in this browser. Users may choose to click the little box in the lower left hand corner to stop these pop-ups. 2. Click the MIB tab; remove any MIB modules in the “Loaded MIB modules” by highlighting and double clicking them. 3. Under the Action menu - open Run MIB Compiler. 4. In the MG-SOFT MIB Compiler window, click File then Compile…… then in the Open window, browse for and open PHIHONG-POE-MIB.txt (users can get SNMP MIB rev 10/30/09 from the support section on either www.phihong.com or www.midspans.com). 5. If compiling is successful, a Compiled MIB Modules window will be displayed. Click Save All and click OK on the Browse for Folder window. 6. Close the MG-SOFT MIB Compiler window. 7. In the MG-SOFT MIB Browser window, click the circular arrow button (the middle one of 5 buttons right below the Loaded MIB modules window). This will update the MIB Browser windows’ contents (including the newly compiled MIB module Phihong-POE-MIB). 8. In the lower window, click the tab MIB Modules. Locate the module < Phihong-POE-MIB >. Highlighting and double clicking it will load it into the upper Loaded MIB modules window. 9. Also locate <RFC1213-MIB> and <SNMPv2-MIB>, load them into the upper Loaded MIB modules window. 10. Now the setup for Phihong’s Midspan SNMP interface is complete. |