| データシートサーチシステム |
|
BAS40WS データシート(PDF) 2 Page - Formosa MS |
|
|
|||||||||||||||||||||||||||||
BAS40WS データシート(HTML) 2 Page - Formosa MS |
|
2 / 7 page ![]() Package Outline Page 2 Formosa MS 200mA -40V Surface Mount Small Signal Schottky Diode Forward voltage I = 1 mA DC F Reverse current V = 10 V DC R V F I R 0.38 200 V nA PARAMETER Repetitive peak reverse voltage Continuous reverse voltage Mean rectifying current Forward surge current Capacitance between terminals Storage temperature Operating temperature @t < 1.0 s f=1MHz and applied VR =0V CONDITIONS Symbol V RM V R I O I FSM C T T J T STG MIN. -55 -55 TYP. 4 MAX. 40 40 200 600 +125 +125 UNIT V V mA mA pF oC oC http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 Dimensions in inches and (millimeters) SOD-323F 0.039(1.00) 0.031(0.80) 0.071(1.80) 0.063(1.60) 0.106(2.70) 0.091(2.30) Low current rectification and high speed switching. Extremely small surface mount type. Up to 100mA current capability. Low forward voltage drop Silicon epitaxial planar chip, metal silicon junction. Lead-free parts for green partner, exceeds environmental standards of MIL-STD-19500 /228 Features • Suffix "-H" indicates Halogen-free parts, ex. ΒΑS40WS-H. • • • • • • Mechanical data • • • • • • Epoxy:UL94-V0 rated flame retardant Case : Molded plastic, Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by cathode band Mounting Position : Any Weight : SOD-323F Approximated 0.005 gram BAS40WS 20 I= 10 mA DC F I= 40 mA DC F V F V F 0.50 1.0 V V Power Dissipation P D 350 mW Thermal Resistance Junction to Ambient R JA θ 357 oC/W 5 Document ID Issued Date Revised Date Revision Page. Maximum ratings and (AT T =25 C unless otherwise noted) A o Electrical Characteristics Small Signal Schottky Diode Reverse Recovery Time I = I = 10mA to I = 1.0mA,R =100 FR R L Ω t rr 5.0 ns DS-22161X 2008/02/10 2010/03/10 B 7 |