| データシートサーチシステム |
|
TNETE110A データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE110A データシート(HTML) 21 Page - Texas Instruments |
|
21 / 24 page ![]() ThunderLAN ™ TNETE110A PCI ETHERNET ™ CONTROLLER SINGLE-CHIP 10 BASE-T SPWS022A – APRIL 1996 – REVISED NOVEMBER 1996 21 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing requirements, crystal oscillator (see Figure 9)† MIN TYP MAX UNIT td(VDDH – FXTL1V) Delay time from minimum VDD high level to first valid FXTL1V full swing period 100‡ ms tw(H) Pulse duration at FXTL1 high 13‡ ns tw(L) Pulse duration at FXTL1 low 13‡ ns tt Transition time of FXTL1 7 ns tc Cycle time, FXTL1 50 ns Tolerance of FXTL1 input frequency "0.01 % † The FXTL signal may be implemented by either connecting a 20-MHz crystal across the FXTL1 and FXTL2 pins or by driving the FXTL1 from a 20-MHz crystal oscillator module. ‡ This specification is provided as an aid to board design. This specification is not tested during manufacturing testing. FXTL1 VDD td(VDDH – FXTL1V) Minimum VDD High Level tc tw(H) tw(L) tt tt Figure 9. Crystal Oscillator Timing |