データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS2040FL データシート(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

部品番号 SS2040FL
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
ホームページ  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SS2040FL データシート(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SS2040FL Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SS2040FL Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V -100V
2.0A
SS2020FL THRU SS20100FL
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SOD-123FL
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
● Plastic package has Underwriters Laboratory
● Flammability classification 94V-0 Utilizing Fame
● Retardant Epoxy Molding Compound
● For surface mount applications
● Low leakage current.
● Case: SOD-123FL, Molded Plastic
● Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
● Polarity: Cathode Band
● Weight: 0.017 grams
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristics
Symbol
Unit
@TA=25 C
VRRM
IO
IFSM
VF
IR
RθJA
20
30
40
50
60
100
80
14
21
28
35
42
70
56
20
0.5
30
40
50
0.7
60
100
80
0.85
2.0
50
0.5
10
85(TYP)
-55 to+125
-55 to+150
-55 to+150
pF
V
V
V
V
A
A
mA
SS2020FL
˚C/W
˚C
˚C
VRMS
CJ
TJ
TSTG
VR
Typical Junction Capacitance
Typical Thermal Resistance
Storage Temperature Range
Superimposed on Rated Load (JEDEC Method)
8.3 ms Single Half Sine-Wave
Peak Forward Surge Current
Maximum Average Forward (Fig.1)
Continuous Reverse Voltage
Maximum RMS Voltage
Maximum Recurrent Peak Reverse Voltage
Maximum Instantaneous
Maximum DC Reverse Current @TA=25˚C
At Rated DC Blocking Voltage @TA=125˚C
160(TYP)
Operating Temperature Range
SS2030FL SS2040FL SS2050FL SS2060FL SS2080FL SS20100FL


同様の部品番号 - SS2040FL

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SS2040FL PANJIT-SS2040FL Datasheet
118Kb / 3P
2A/40V ULTRA-LOW VF SURFACE MOUNT SCHOTTKY DIODE
logo
Diotech Company.
SS2040FL DIOTECH-SS2040FL Datasheet
691Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS2040FL PANJIT-SS2040FL Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
SS2040FL YENYO-SS2040FL Datasheet
237Kb / 2P
2.0A Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SS2040FL SAMYANG-SS2040FL Datasheet
976Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SS2040FL

メーカー部品番号データシート部品情報
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com