| データシートサーチシステム |
|
SL54AS810 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SL54AS810 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 5 page ![]() SN54ALS810, SN54AS810, SN74ALS810, SN74AS810 QUADRUPLE 2INPUT EXCLUSIVENOR GATES SDAS160 − D2837, MARCH 1984 − REVISED OCTOBER 1988 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 2 exclusive-NOR logic An Exclusive-NOR gate has many applications, some of which can be represented better by alternative logic symbols. = 1 EXCLUSIVE-NOR These are five equivalent Exclusive-NOR symbols valid for an ’ALS810 gate in positive logic; negation may be shown at any one port or at all three of them. 2k + 1 2k = EVEN-PARITY ODD-PARITY ELEMENT LOGIC IDENTITY ELEMENT The output is active (low) if an odd number of inputs (i.e., only 1 of the 2) are active. The output is active (high) if an even number of inputs (i.e., only 0 or 2) are active. The output is active (high) if all inputs stand at the same logic level (i.e., A = B). |