| データシートサーチシステム |
|
STM32F051X8 データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051X8 データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 104 page ![]() Memory mapping STM32F051x 36/105 Doc ID 022265 Rev 3 Table 16. STM32F051x peripheral register boundary addresses Bus Boundary address Size Peripheral 0x4800 1800 - 0x5FFF FFFF ~384 MB Reserved AHB2 0x4800 1400 - 0x4800 17FF 1KB GPIOF 0x4800 1000 - 0x4800 13FF 1KB Reserved 0x4800 0C00 - 0x4800 0FFF 1KB GPIOD 0x4800 0800 - 0x4800 0BFF 1KB GPIOC 0x4800 0400 - 0x4800 07FF 1KB GPIOB 0x4800 0000 - 0x4800 03FF 1KB GPIOA 0x4002 4400 - 0x47FF FFFF ~128 MB Reserved AHB1 0x4002 4000 - 0x4002 43FF 1KB TSC 0x4002 3400 - 0x4002 3FFF 3KB Reserved 0x4002 3000 - 0x4002 33FF 1KB CRC 0x4002 2400 - 0x4002 2FFF 3KB Reserved 0x4002 2000 - 0x4002 23FF 1KB FLASH Interface 0x4002 1400 - 0x4002 1FFF 3KB Reserved 0x4002 1000 - 0x4002 13FF 1KB RCC 0x4002 0400 - 0x4002 0FFF 3KB Reserved 0x4002 0000 - 0x4002 03FF 1KB DMA 0x4001 8000 - 0x4001 FFFF 32KB Reserved APB 0x4001 5C00 - 0x4001 7FFF 9KB Reserved 0x4001 5800 - 0x4001 5BFF 1KB DBGMCU 0x4001 4C00 - 0x4001 57FF 3KB Reserved 0x4001 4800 - 0x4001 4BFF 1KB TIM17 0x4001 4400 - 0x4001 47FF 1KB TIM16 0x4001 4000 - 0x4001 43FF 1KB TIM15 0x4001 3C00 - 0x4001 3FFF 1KB Reserved 0x4001 3800 - 0x4001 3BFF 1KB USART1 0x4001 3400 - 0x4001 37FF 1KB Reserved 0x4001 3000 - 0x4001 33FF 1KB SPI1/I2S1 0x4001 2C00 - 0x4001 2FFF 1KB TIM1 0x4001 2800 - 0x4001 2BFF 1KB Reserved 0x4001 2400 - 0x4001 27FF 1KB ADC 0x4001 0800 - 0x4001 23FF 7KB Reserved 0x4001 0400 - 0x4001 07FF 1KB EXTI 0x4001 0000 - 0x4001 03FF 1KB SYSCFG + COMP 0x4000 8000 - 0x4000 FFFF 32KB Reserved |