| データシートサーチシステム |
|
STM32F051C8 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051C8 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 104 page ![]() STM32F051x Pinouts and pin description Doc ID 022265 Rev 3 31/105 38 - - - PC7 I/O FT TIM3_CH2 39 - - - PC8 I/O FT TIM3_CH3 40 - - - PC9 I/O FT TIM3_CH4 41 29 18 18 PA8 I/O FT USART1_CK, TIM1_CH1, EVENTOUT, MCO 42 30 19 19 PA9 I/O FT USART1_TX, TIM1_CH2, TIM15_BKIN, TSC_G4_IO1 43 31 20 20 PA10 I/O FT USART1_RX, TIM1_CH3, TIM17_BKIN, TSC_G4_IO2 44 32 21 21 PA11 I/O FT USART1_CTS, TIM1_CH4, COMP1_OUT, TSC_G4_IO3, EVENTOUT 45 33 22 22 PA12 I/O FT USART1_RTS, TIM1_ETR, COMP2_OUT, TSC_G4_IO4, EVENTOUT 46 34 23 23 PA13 (SWDAT) I/O FT (4) IR_OUT, SWDAT 47 35 - - PF6 I/O FT I2C2_SCL 48 36 - - PF7 I/O FT I2C2_SDA 49 37 24 24 PA14 (SWCLK) I/O FT (4) USART2_TX, SWCLK 50 38 25 25 PA15 I/O FT SPI1_NSS/I2S1_WS, USART2_RX, TIM2_CH1_ETR, EVENTOUT 51 - - - PC10 I/O FT 52 - - - PC11 I/O FT 53 - - - PC12 I/O FT 54 - - - PD2 I/O FT TIM3_ETR 55 39 26 26 PB3 I/O FT SPI1_SCK/I2S1_CK, TIM2_CH2, TSC_G5_IO1, EVENTOUT 56 40 27 27 PB4 I/O FT SPI1_MISO/I2S1_MCK, TIM3_CH1, TSC_G5_IO2, EVENTOUT Table 13. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |