| データシートサーチシステム |
|
EMS22Q33-R16-MS2 データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EMS22Q33-R16-MS2 データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 4 page ![]() 9.53 (.375) 20.88 ± .25 (.822 ± .010) 13.89 ± .38 (.547 ± .015) 15.88 ± .25 (.625 ± .010) 1.57 ± 0.12 (.062 ± .005) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 4.00 (.157) 2.79 (.110) .51 ± .03 (.020 ± .001) DIA. 10.29 ± 0.12 (.405 ± .005) DIA. 21.21 ± .25 (.835 ± .010) 3.17 +.00/-.01 (.1247 +.0000/-.0003) 9.53 (.375) 9.53 (.375) 20.88 ± .25 (.822 ± .010) 22.23 ± .25 (.875 ± .010) 1.57 ± 0.12 (.062 ± .005) 13.89 ± .38 (.547 ± .015) 13.89 ± .38 (.547 ± .015) 1.57 (.062) 1.57 (.062) 1.57 (.062) 4.00 (.157) 4.00 (.157) 10.29 (.405) DIA. DIA. 6.34 (0.249) 15.88 ± .25 (.625 ± .010) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 2.79 (.110) .51 ± .03 (.020 ± .001) 21.21 ± .25 (.835 ± .010) 15.88 ± .25 (.625 ± .010) .51 ± .03 (.020 ± .001) 2.01 (.079) 5 PLCS. 6 PLCS. 6 PLCS. 2.74 (.108) .51 ± .03 (.020 ± .001) 21.21 ± .25 (.835 ± .010) 19.05 (.75) DIA. DIA. 3.17 +.00/-.01 (.1247 +.0000/-.0003) 22.23 (.875) DIA. EMS22Q - Non-Contacting Incremental Encoder Dimensional Drawings DIMENSIONS: MM (INCHES) Consult factory for options not shown, including: • Wire lead or cable options • Special shaft/bushing sizes and features • Connectors • Special performance characteristics • Non-standard resolutions • PCB mounting bracket Shaft Style D (Bushing T) Shaft Style B (Bushing S) Shaft Style D (Bushing W) Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |