データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLAS191A データシート(PDF) 52 Page - Texas Instruments

部品番号 SLAS191A
部品情報  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A データシート(HTML) 52 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 48Page - Texas Instruments SLAS191A Datasheet HTML 49Page - Texas Instruments SLAS191A Datasheet HTML 50Page - Texas Instruments SLAS191A Datasheet HTML 51Page - Texas Instruments SLAS191A Datasheet HTML 52Page - Texas Instruments SLAS191A Datasheet HTML 53Page - Texas Instruments SLAS191A Datasheet HTML 54Page - Texas Instruments SLAS191A Datasheet HTML 55Page - Texas Instruments SLAS191A Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
2–16
s
The s command allows a breakpoint to be set. The program supports the capability of having two
breakpoints. Breakpoints may be set only if the program is in RAM. Typing an s shows the
breakpoints that are currently set. Figure 2–16 shows how to enter the location of the breakpoint.
Set a breakpoint by Typing ‘s’
Enter the location of the breakpoint: 24e
MSP–STK430A320
>Set Bkpt 0000 0000 24e
Figure 2–16. Location of a Breakpoint Command
Both breakpoint addresses are displayed. A breakpoint address that contains all zeros indicates that no
breakpoint is set. Enter the address to set a breakpoint. Pressing the <RETURN> key activates the
breakpoint at that address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86