| データシートサーチシステム |
|
MGUG050100H2DP データシート(PDF) 2 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
MGUG050100H2DP データシート(HTML) 2 Page - AVX Corporation |
|
2 / 3 page ![]() 45 AVX Part Number VCIR(DC) VCIR(AC) Cap Required Cap Freq IL Case Size Elements MGUG040030L2 _ _ ≤3.0 ≤2.3 Low 300 M 2 0405 2 MGUG050030L2 _ _ ≤3.0 ≤2.3 Low 425 M 2 0508 2 MGUG060030L4 _ _ ≤3.0 ≤2.3 Low 425 M 2 0612 4 VCUG040030L1 _ _ ≤3.0 ≤2.3 Low 175 M 2 0402 1 VCUG060030L1 _ _ ≤3.0 ≤2.3 Low 750 K 2 0603 1 VCUG080030H1 _ _ ≤3.0 ≤2.3 High 3000 K 2 0805 1 VCUG080030L1 _ _ ≤3.0 ≤2.3 Low 1100 K 2 0805 1 VCUG120030H1 _ _ ≤3.0 ≤2.3 High 3000 K 2 1206 1 VCUG120030L1 _ _ ≤3.0 ≤2.3 Low 1200 K 2 1206 1 MGUG040050L2 _ _ ≤5.0 ≤3.5 Low 40 M 2 0405 2 MGUG050050L2 _ _ ≤5.0 ≤3.5 Low 425 M 2 0508 2 MGUG060050L4 _ _ ≤5.0 ≤3.5 Low 425 M 2 0612 4 VCUG040050L1 _ _ ≤5.0 ≤3.5 Low 175 M 2 0402 1 VCUG060050L1 _ _ ≤5.0 ≤3.5 Low 550 K 2 0603 1 VCUG080050L1 _ _ ≤5.0 ≤3.5 Low 750 K 2 0805 1 VCUG120050H1 _ _ ≤5.0 ≤3.5 High 1050 K 2 1206 1 VCUG120050L1 _ _ ≤5.0 ≤3.5 Low 600 K 2 1206 1 MGUG040075L2 _ _ ≤7.5 ≤5.3 Low 40 M 2 0405 2 MGUG050075L2 _ _ ≤7.5 ≤5.3 Low 425 M 2 0508 2 MGUG060075L4 _ _ ≤7.5 ≤5.3 Low 425 M 2 0612 4 VCUG040075L1 _ _ ≤7.5 ≤5.3 Low 100 M 2 0402 1 VCUG060075L1 _ _ ≤7.5 ≤5.3 Low 425 K 2 0603 1 VCUG080075H1 _ _ ≤7.5 ≤5.3 High 900 K 2 0805 1 VCUG080075L1 _ _ ≤7.5 ≤5.3 Low 325 K 2 0805 1 VCUG120075H1 _ _ ≤7.5 ≤5.3 High 1050 K 2 1206 1 VCUG120075L1 _ _ ≤7.5 ≤5.3 Low 600 K 2 1206 1 MGUG040100L2 _ _ ≤10.0 ≤7.1 Low 40 M 2 0405 2 MGUG050100L2 _ _ ≤10.0 ≤7.1 Low 225 M 2 0508 2 MGUG060100L4 _ _ ≤10.0 ≤7.1 Low 225 M 2 0612 4 VCUG040100L1 _ _ ≤10.0 ≤7.1 Low 65 M 2 0402 1 VCUG060100L1 _ _ ≤10.0 ≤7.1 Low 250 K 2 0603 1 VCUG080100H1 _ _ ≤10.0 ≤7.1 High 550 K 2 0805 1 VCUG080100L1 _ _ ≤10.0 ≤7.1 Low 225 K 2 0805 1 VCUG120100H1 _ _ ≤10.0 ≤7.1 High 900 K 2 1206 1 VCUG120100L1 _ _ ≤10.0 ≤7.1 Low 350 K 2 1206 1 MGUG040150L2 _ _ ≤15.0 ≤11 Low 50 M 2 0405 2 MGUG050150L2 _ _ ≤15.0 ≤11 Low 50 M 2 0508 2 MGUG060150L4 _ _ ≤15.0 ≤11 Low 75 M 2 0612 4 VCUG040150L1 _ _ ≤15.0 ≤11 Low 40 M 2 0402 1 VCUG060150L1 _ _ ≤15.0 ≤11 Low 155 K 2 0603 1 VCUG080150H1 _ _ ≤15.0 ≤11 High 250 K 2 0805 1 VCUG080150L1 _ _ ≤15.0 ≤11 Low 120 K 2 0805 1 VCUG120150H1 _ _ ≤15.0 ≤11 High 500 K 2 1206 1 VCUG040180L1 _ _ ≤18.0 ≤14 Low 30 M 1 0402 1 UltraGuard Series ESD Protection for Low Leakage Requirements Termination Finish Code Packaging Code VCIR (DC) DC Circuit Voltage (V) VCIR (AC) AC Circuit Voltage (V) Cap Req Standard or Low I L Maximum Leakage Current at the Circuit Voltage (μA) Cap Typical Capacitance (pF) @ frequency specified and 0.5 Vrms Freq Frequency at which capacitance is measured (K = 1kHz, M = 1MHz) |