| データシートサーチシステム |
|
PCF8574TS データシート(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574TS データシート(HTML) 7 Page - NXP Semiconductors |
|
7 / 12 page ![]() UM10206 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. User manual Rev. 01 — 13 June 2006 7 of 12 Philips Semiconductors UM10206 I2C Demonstration Board 2005-1 Quick Start Guide 6. I2C Demonstration Board device description The I2C-bus devices on the I2C Demonstration Board 2005-1 are described in Table 1 Table 1. I2C-bus devices on the Training Board Device Description I2C Address PCF8574TS 8-bit I2C and SMBus I/O port with interrupt 0x40 PCA9536D 4-bit I2C and SMBus I/O port 0x82 PCA9540BD 2-channel I2C-bus multiplexor 0xE0 PCF85116-3TD 2048 x 8-bit CMOS EEPROM with I2C-bus interface 0xA0 to 0xAE PCF8563TD real time clock / calendar 0xA2 PCA9538D 8-bit I2C and SMBus low power I/O port with interrupt and reset 0xE4 PCA9551D 8-bit I2C-bus LED driver with programmable blink rates 0xC0 SA56004ED SMBus compatible, local and remote digital temperature sensor with over temperature alarm, accuracy: ± 10C 0x98 PCA9543AD 2 channel I2C-bus switch with interrupt logic and reset 0xE2 2 x PCA9531D 8-bit I2C-bus LED dimmer 0xC8 (both) PCA9541D/01 2-to-1 I2C-bus master selector with interrupt logic and reset 0xFE SE98PW local only, temperature sensor for SO-DIMM 0x30 |