データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WI.DP1203-433-R データシート(PDF) 10 Page - Semtech Corporation

部品番号 WI.DP1203-433-R
部品情報  True UART to Antenna Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

WI.DP1203-433-R データシート(HTML) 10 Page - Semtech Corporation

Back Button WI.DP1203-433-R Datasheet HTML 6Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 7Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 8Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 9Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 10Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 11Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 12Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 13Page - Semtech Corporation WI.DP1203-433-R Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
WI.DP1203-XXX-R DATASHEET
9
4. Functional Description
The Wi.DP1203-XXX-R
TM is a cost effective high performance radio transceiver module designed for the wireless
transmission of digital information over distances of >500 meters in free space. The module is based on the RF
transceiver circuit from SEMTECH, the XE1203F. . For more information on the XE1203F, please refer to the
datasheet, available from the Semtech website: http://www.semtech.com.
The module incorporates an antenna switch and a SAW Filter placed on the Rx path.
Figure 2: Antenna Switch
Chapter
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17