データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WI.DP1203-868-R データシート(PDF) 8 Page - Semtech Corporation

部品番号 WI.DP1203-868-R
部品情報  True UART to Antenna Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

WI.DP1203-868-R データシート(HTML) 8 Page - Semtech Corporation

Back Button WI.DP1203-868-R Datasheet HTML 4Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 5Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 6Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 7Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 8Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 9Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 10Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 11Page - Semtech Corporation WI.DP1203-868-R Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
WI.DP1203-XXX-R DATASHEET
7
3. Electrical Specifications
3.1. Absolute Maximum Ratings
Parameter
Min
Max
Units
Vdd- Power Supply
2.4
3.6
VDC
Soldering Temperature (max 15 sec)
+260
oC
Operating Temperature
-40
+85
oC
Storage Temperature
-55
+125
oC
Table 2, Absolute Maximum Ratings
CAUTION: ESD sensitive device.
Precaution should be taken when handling the device in order to prevent permanent damage.
Chapter
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17