データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STN4438 データシート(PDF) 4 Page - Stanson Technology

部品番号 STN4438
部品情報  STN4438 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4438 データシート(HTML) 4 Page - Stanson Technology

  STN4438 Datasheet HTML 1Page - Stanson Technology STN4438 Datasheet HTML 2Page - Stanson Technology STN4438 Datasheet HTML 3Page - Stanson Technology STN4438 Datasheet HTML 4Page - Stanson Technology STN4438 Datasheet HTML 5Page - Stanson Technology STN4438 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STN4438
N Channel Enhancement Mode MOSFET
8.2A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright
© 2008, Stanson Corp.
STN4438 2009. V1
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6