| データシートサーチシステム |
|
CDS2C12GTH データシート(PDF) 21 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
CDS2C12GTH データシート(HTML) 21 Page - EPCOS |
|
21 / 22 page ![]() Operation Use CeraDiodes only within the specified operating temperature range. Use CeraDiodes only within specified voltage and current ranges. Environmental conditions must not harm a CeraDiode. Only use them in normal atmospheric conditions. Reducing the atmosphere (e.g. hydrogen or nitrogen atmosphere) is prohibited. Prevent a CeraDiode from contacting liquids and solvents. Make sure that no water enters a CeraDiode (e.g. through plug terminals). Avoid dewing and condensation. EPCOS CeraDiodes are designed for encased applications. Under all circumstances avoid ex- posure to: direct sunlight rain or condensation steam, saline spray corrosive gases atmosphere with reduced oxygen content EPCOS CeraDiodes are not suitable for switching applications or voltage stabilization where static power dissipation is required. CeraDiodes are designed for ESD protection only. This listing does not claim to be complete, it merely reflects the experience of EPCOS AG. CeraDiodes High-speed series Page 21 of 22 Please read Cautions and warnings and Important notes at the end of this document. |