| データシートサーチシステム |
|
EMS22D31-R16-LD4 データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
EMS22D31-R16-LD4 データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() EMS22D - Non-Contacting Direction/Step Encoder REV. 07/12 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Product Dimensions Cable Assembly 25.4 (1.0) MAX. 2 PLCS. 254.0 ± 6.35 (10.00 ± 0.25) CIRCUIT #1 13.97 (0.55) 2 PLCS. CIRCUIT #1 PIN 1 IDENTIFICATION STRIPE CONNECTOR 2.00 MM PITCH, 6 CIRCUITS 2 PLCS. FLAT CABLE 2.0 MM PITCH ROUND CONDUCTOR 24 AWG (7X32) STRANDED, TOP COAT 6 CIRCUITS, P.V.C. INSULATION BOURNS EMS22 22 MM NON-CONTACTING DIRECTION/STEP ENCODER EMS22D51-B28-LS5 SHAFT LENGTH DESIGNATOR* Code 16 20 28 25 Description 1/2 " Long 5/8 " Long 7/8 " Long 25 mm Long (Available with D Bushing Only) VOLTAGE SUPPLY Code 3 5 Description 3.3 VDC 5 VDC OUTPUT TYPE Code D Description Direction/Step TERMINAL CONFIGURATION** Code L M W Description Axial, Multi- Purpose Pin Rear Ribbons Cable with Connector Rear Ribbons Cable - No Connector RESOLUTION Code 2 3 4 5 PPR 64 128 256 512 SHAFT STYLE Code B C D R M Available With Bushings (Code) S S T, W D D Description 1/4 " Dia., Plain End 1/4 " Dia., Flatted End 1/8 " Dia., Plain End 6 mm Dia., Slotted End 6 mm Dia., Flatted End INDEX CHANNEL Code 1 3 Description 1 LSB 3 LSB BUSHING DESIGNATOR Code S T W D Description 3/8 " D X 3/8 " L Threaded (Single Ball Bearing) 3/8 " D X 3/8 " L Threaded (Dual Ball Bearing) Servo Mount 7/8 " D (Dual Ball Bearing) 9 mm D X 7.94 mm L Threaded (Single Ball Bearing) * Shaft length measured from mounting surface. ** Standard ribbon cable is 10 inches long. Consult factory for other lengths. How To Order DIMENSIONS: MM (INCHES) |