| データシートサーチシステム |
|
BGA2012 データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BGA2012 データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 130 page ![]() 22 NXP Semiconductors RF Manual 16th edition 1.3.5 Satellite multi-switch box - 4 x 4 (up to 16 x 16) / DiSEqC / SMATV Application diagram brb023 output amplifiers input amplifiers LNB input amplifier terrestrial terrestrial input coax out to STB coax out to STB coax out to STB coax out to STB SWITCH MATRIX FOR 4 × 4, NEEDS 16 (SINGLE) PIN DIODES Recommended products Function Product Package Type Input amplifier terrestrial MMIC General purpose medium power amplifier SOT89 BGA6289 BGA6489 BGA6589 BGA7024 SOT908 BGA7124 Function Product Package Type Input amplifier LNB MMIC General purpose amplifier SOT363 BGA2771 SOT363 BGA2866 SOT363 BGA2867 SOT363 BGA2818 RF bipolar transistor Wideband transistor SOT343 BFG325 SOT343 BFG425W SOT143 BFG520 SOT143 BFG540 SiGe:C transistor SOT343F BFU660F BFU725F/N1 BFU730F Function Product Package Type Switch matrix RF diode PIN diode Various BAP50^ BAP51^ BAP63^ BAP64^ BAP70^ BAP1321^ RF transistor SiGe:C transistor SOT343F BFU725F/N1 BFU730F ^ Also available in ultra-small leadless package SOD882D Function Product Package Type Output amplifier MMIC General purpose medium power amplifier SOT89 BGA6289 BGA6489 BGA6589 BGA7024 SOT908 BGA7124 General purpose amplifier SOT363 BGM1011 SOT363 BGA2869 RF bipolar transistor Wideband transistor SOT223 BFG135 SOT223 BFG 591 SOT223 BFG198 SOT143 BFG540 SiGe:C transistor SOT343F BFU725F/N1 BFU730F Product highlight: PIN diodes for switching matrix In addition to delivering outstanding RF performance, this component simplifies design-in because of its extremely low forward resistance, diode capacitance, and series inductance. Significant board space is saved by supplying a range of highly compact package options, including SOD523, SOD323 and leadless SOD882D. Features ` High isolation, low distortion, low insertion loss ` Low forward resistance (Rd) and diode capacitance (Cd) ` Ultra-small package options |