データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STN3NF06 データシート(PDF) 29 Page - STMicroelectronics

部品番号 STN3NF06
部品情報  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3NF06 データシート(HTML) 29 Page - STMicroelectronics

Back Button STN3NF06 Datasheet HTML 25Page - STMicroelectronics STN3NF06 Datasheet HTML 26Page - STMicroelectronics STN3NF06 Datasheet HTML 27Page - STMicroelectronics STN3NF06 Datasheet HTML 28Page - STMicroelectronics STN3NF06 Datasheet HTML 29Page - STMicroelectronics STN3NF06 Datasheet HTML 30Page - STMicroelectronics STN3NF06 Datasheet HTML 31Page - STMicroelectronics STN3NF06 Datasheet HTML 32Page - STMicroelectronics STN3NF06 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
AN3151
Short-circuit protection
Doc ID 17051 Rev 1
29/34
Short-circuit protection is implemented by means of a simple external circuitry based on:
Low-power quad voltage comparator (LM339)
Quad 2 input AND gate(74HC08)
The sensing signal is compared with an external reference set by a voltage divider providing
an active low output on each string.
The four outputs are in AND in order to have a single FAULT signal, which is an input
managed by the microcontroller thanks to the TIM1_BKIN pin.
When TIM1_BKIN input (Figure 4) is active, with a programmable polarity, the output stage
control disables all channels in order to protect the hardware.
Figure 21
shows a short-circuit event managed by the TIM1_BKIN.
Figure 21.
Short-circuit event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34