データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXB1577R データシート(PDF) 8 Page - Sony Corporation

部品番号 CXB1577R
部品情報  Post-Amplifier for Optical Fiber Communication Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1577R データシート(HTML) 8 Page - Sony Corporation

Back Button CXB1577R Datasheet HTML 4Page - Sony Corporation CXB1577R Datasheet HTML 5Page - Sony Corporation CXB1577R Datasheet HTML 6Page - Sony Corporation CXB1577R Datasheet HTML 7Page - Sony Corporation CXB1577R Datasheet HTML 8Page - Sony Corporation CXB1577R Datasheet HTML 9Page - Sony Corporation CXB1577R Datasheet HTML 10Page - Sony Corporation CXB1577R Datasheet HTML 11Page - Sony Corporation CXB1577R Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
– 8 –
CXB1577R
AC Characteristics
1 VUP – VDOWN = 100mV, Vin = 100mVp-p (single ended), SW: High, peak hold capacitance (CAP2, CAP3
pins) of 470pF, VEEI: Open.
2 VUP – VDOWN = 100mV, Vin = 1Vp-p (single ended), SW: High, peak hold capacitance (CAP2, CAP3
pins) of 470pF, connect VEEI: Open.
3 Vin = 50mVp-p (single ended), SW: Low, peak hold capacitance of 470pF, connect V
EE
I to VEE.
4 Vin = 1Vp-p (single ended), SW: Low, peak hold capacitance of 470pF, connect V
EE
I to VEE.
Maximum input voltage amplitude
Amplifier gain (excluding the output buffer)
Identification maximum voltage
amplitude of alarm level
SD/SDB hysteresis width
Alarm setting level for default
Q/QB rise time
Q/QB fall time
SD-TTL/SDB-TTL rise time
SD-TTL/SDB-TTL fall time
SD-ECL/SDB-ECL rise time
SD-ECL/SDB-ECL fall time
Propagation delay time
SD response assert time
SD response deassert time
SD response assert time for alarm
level default
SD response deassert time for alarm
level default
Item
Vmax
GL
VmaxA1
VmaxA2
∆P1
∆P2
Vdef
TrQ
TfQ
TrSDT
TfSDT
TrSDE
TfSDE
TPD
Tas
Tdas
Tasd
Tdasd
single-ended input
SW: Low,
single-ended input
SW: Open High,
single-ended input
SW: Low,
at default alarm level
SW: Open High,
at default alarm level
SW: Open High,
VEEI = VEE, fin = 100Mbps
Differential voltage input
20% to 80%
50
Ω to VTT
0.6V to 2.2V
CL = 10pF
20% to 80%
510
Ω to VEE
1
2
3
4
1600
52
20
40
3
3
6.6
0.4
0
2.3
0
2.3
6
6
8.0
230
230
7
7
9.3
350
350
10
10
1.6
1.6
1.9
100
100
100
100
mVp-p
dB
mVp-p
dB
mV
ps
ns
µs
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCC = 5 ± 0.25V, VEE = GND, Ta = 0 to +70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com