| データシートサーチシステム |
|
PIP440 データシート(PDF) 2 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
PIP440 データシート(HTML) 2 Page - Protek Devices |
|
2 / 5 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05027.R9 9/12 Page 2 PHP8.4 - PIP500 tyPIcal DevIce cHaRacteRIstIcs MaXIMuM RatIngs @ 25°c unless otherwise specified PaRaMeteR syMbol value unIts Peak Pulse Power (tp = 10/1000µs) - See Figure 1 P PP 7.5 & 15 kilowatts Operating Temperature T L -55 to 150 °C Storage Temperature T STG -55 to 150 °C Steady State Power Dissipation @ 50°C T A 7.5 Watts electRIcal cHaRacteRIstIcs PeR lIne @ 25°c unless otherwise specified PaRt nuMbeR aveRage RMs voltage v RMs volts RateD stanD-oFF voltage v wM volts MInIMuM bReakDown voltage (note 1) @1ma v (bR) volts MaXIMuM claMPIng voltage (Fig. 2) @ I PPM v c volts MaXIMuM leakage cuRRent @v wM I D µa MaXIMuM Peak Pulse cuRRent I PPM aMPs MaXIMuM Peak Pulse PoweR @ 1ms P PP kIlowatts PHP8.4 8.4 12.0 14 22 250 341 7.5 PIP8.4 8.4 12.0 14 22 250 341 7.5 PHP24 24.0 34.0 40 67 250 112 7.5 PIP24 24.0 34.0 40 67 250 112 7.5 PHP30 30.0 42.5 50 84 250 90 7.5 PIP30 30.0 42.5 50 84 250 90 7.5 PHP60 60.0 85.0 100 167 250 90 15 PIP60 60.0 85.0 100 167 250 90 15 PHP120* 120.0 170.0 200 319 250 47 15 PIP120* 120.0 170.0 200 319 250 47 15 PHP208 208.0 295.0 347 536 250 28 15 PIP208 208.0 295.0 347 536 250 28 15 PHP250* 250.0 354.0 418 652 250 23 15 PIP250* 250.0 354.0 418 652 250 23 15 PHP275 275.0 390.0 460 710 250 21 15 PHP440 440.0 623.0 735 1138 250 13.2 15 PIP440 440.0 623.0 735 1138 250 13.2 15 PHP500* 500.0 708.0 835 1292 250 11.6 15 PIP500* 500.0 708.0 835 1292 250 11.6 15 note 1. A * indicates that this series is recommended for marine applications. For military and aerospace applications, use the PHP Series, for industrial applications, use the PIP Series. 2. The following voltages have a peak pulse power rating of 7,500 Watts for an 10/1000µs waveshape (see Figure 1): 8.4V, 24V and 30V. |