データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BL8587 データシート(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

部品番号 BL8587
部品情報  High Efficiency Charge Pump 4-Channels LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BELLING [SHANGHAI BELLING CO., LTD.]
ホームページ  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8587 データシート(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

  BL8587 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8587 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8587 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8587 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8587 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8587 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8587 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8587 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.belling.com.cn
6
BL8587
DETAIL DESCRIPTION
Startup sequence
The BL8587 starts to work only when VIN
powered on and the EN pin became high
after a delay, the delay time is at least 4us.
EN pin is not allowed to connect to VIN
directly or keep it floating.
The BL8587 starts with 1X mode, the output
follows closely to the supply voltage. If the
average voltage of pin D1 to D4 falls below
0.25V the IC switches to 1.5X mode, and it
can automatically switch back to 1X mode
when the input voltage is higher than 3.7V.
PWM dimming control
If the frequency of the PWM signal to the EN
pin is less than 5KHz, the average LED
current is proportional to the duty cycle of the
PWM signal, and the EN works as a simple
on/off control. A high level turns on and a low
shuts down the LEDs. There is a delay time
between the input PWM signal and the output
LED current waveform, as shown in Fig.5, the
TD is about 20uS.
I_LED
20mA
Td=20uS
ON duty
Td=20uS
EN
Fig. 5 PWM Dimming Control
EN dimming control
The LEDs’ brightness can also be controlled
by the pulses applied to the EN pin, Refer to
the Fig. 6. Inside the device there is a 4-bit
counter connecting to the EN pin. The LED
current can be programmed up to 16 levels
depends on the number of rise edges of the
input waveform. A high level input (“1”) with
pulse width wider than 20uS is regarded as a
signal to stop the build-in counter. The time
between two wide high levels (more than
20uS) is a counting period. When some rise
edges occur between two high level pulses of
20us, the equation as shown below can
calculate the active pulse number, called
Code_No.
)
16
,
(
_
N
Mod
No
Code
=
,
In the equation, N is the number of rise edges
of the input waveform and mod function
returns the remainder of N divided by 16. For
example, if N=0, 16, or other integral multiple
of 16, the mod function returns a value of 0, if
N=1, 17 or other integral multiple of 16 plus 1,
the mod function returns a value of 1, and so
on.
The relationship between LEDs’ brightness
and the Code_No is listed as the following
table.
Code No
ISET/20mA
Code No
ISET/20mA
0
0
8
8/15
1
1
9
7/15
2
14/15
10
6/15
3
13/15
11
5/15
4
12/15
12
4/15
5
11/15
13
3/15
6
10/15
14
2/15
7
9/15
15
1/15
The frequency of the input pulse should be
lower than 100KHz, and the width of the high
level and low level larger than 4uS to prevent
false trigger.
Code_No=1
Code_No=4
Iset/20mA=15/15
20uS
20uS
EN
I_LE
D
Iset/20mA=12/15
Fig. 6 Linear current Dimming Control



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com