| データシートサーチシステム |
|
RN2905FS データシート(PDF) 7 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
RN2905FS データシート(HTML) 7 Page - Toshiba Semiconductor |
|
7 / 8 page ![]() RN2901FS~RN2906FS 2007-11-01 7 Type Name Marking RN2901FS RN2902FS RN2903FS RN2904FS RN2905FS RN2906FS Handling Precaution When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic discharge. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. Type name H0 1 2 3 4 5 6 Type name H1 1 2 3 4 5 6 Type name H2 1 2 3 4 5 6 Type name H3 1 2 3 4 5 6 Type name H4 1 2 3 4 5 6 Type name H5 1 2 3 4 5 6 |