| データシートサーチシステム |
|
RN2964FS データシート(PDF) 7 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
RN2964FS データシート(HTML) 7 Page - Toshiba Semiconductor |
|
7 / 8 page ![]() RN2961FS~RN2966FS 2007-11-01 7 Type Name Marking RN2961FS RN2962FS RN2963FS RN2964FS RN2965FS RN2966FS Handling Precaution When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. Type name K0 1 2 3 4 5 6 Type name K1 1 2 3 4 5 6 Type name K2 1 2 3 4 5 6 Type name K3 1 2 3 4 5 6 Type name K4 1 2 3 4 5 6 Type name K5 1 2 3 4 5 6 |