| データシートサーチシステム |
|
CUS10F30 データシート(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
CUS10F30 データシート(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 5 page ![]() CUS10F30 2 5. 5. 5. 5. Electrical Characteristics (Unless otherwise specified, T Electrical Characteristics (Unless otherwise specified, T Electrical Characteristics (Unless otherwise specified, T Electrical Characteristics (Unless otherwise specified, Taaaa = 25 = 25 = 25 = 25 )))) Characteristics Forward voltage Reverse current Total capacitance Symbol VF(1) VF(2) VF(3) IR(1) Ct Note Test Condition IF = 10 mA IF = 100 mA IF = 1 A VR = 30 V VR = 0 V, f = 1 MHz Min Typ. 0.22 0.28 0.43 170 Max 0.5 50 Unit V µA pF 6. 6. 6. 6. Marking Marking Marking Marking Fig. Fig. Fig. Fig. 6.1 6.1 6.1 6.1 Marking Marking Marking Marking Marking Code FR Part Number CUS10F30 7. 7. 7. 7. Usage Considerations Usage Considerations Usage Considerations Usage Considerations • Schottky barrier diodes (SBDs) have reverse leakage greater than other types of diodes. This makes SBDs more susceptible to thermal runaway under high-temperature and high-voltage conditions. Thus, both forward and reverse power losses of SBDs should be considered for thermal and safety design. 8. 8. 8. 8. Land Pattern Dimensions for Reference Only Land Pattern Dimensions for Reference Only Land Pattern Dimensions for Reference Only Land Pattern Dimensions for Reference Only Fig. Fig. Fig. Fig. 8.1 8.1 8.1 8.1 Land Pattern Dimensions for Reference Only (Unit: mm) Land Pattern Dimensions for Reference Only (Unit: mm) Land Pattern Dimensions for Reference Only (Unit: mm) Land Pattern Dimensions for Reference Only (Unit: mm) 2012-06-12 Rev.4.0 |