データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CUS521 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 CUS521
部品情報  High-Speed Switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS521 データシート(HTML) 2 Page - Toshiba Semiconductor

  CUS521 Datasheet HTML 1Page - Toshiba Semiconductor CUS521 Datasheet HTML 2Page - Toshiba Semiconductor CUS521 Datasheet HTML 3Page - Toshiba Semiconductor CUS521 Datasheet HTML 4Page - Toshiba Semiconductor CUS521 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CUS521
2
5.
5.
5.
5. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Forward voltage
Reverse current
Total capacitance
Symbol
VF(1)
VF(2)
VF(3)
IR(1)
IR(2)
Ct
Note
Test Condition
IF = 1 mA
IF = 5 mA
IF = 200 mA
VR = 10 V
VR = 30 V
VR = 0 V, f = 1 MHz
Min
Typ.
0.20
0.24
0.45
26
Max
0.5
20
30
Unit
V
µA
pF
6.
6.
6.
6. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
Marking Code
RB
Part Number
CUS521
7.
7.
7.
7. Usage Considerations
Usage Considerations
Usage Considerations
Usage Considerations
Schottky barrier diodes (SBDs) have reverse leakage greater than other types of diodes. This makes SBDs
more susceptible to thermal runaway under high-temperature and high-voltage conditions. Thus, both
forward and reverse power losses of SBDs should be considered for thermal and safety design.
8.
8.
8.
8. Land Pattern Dimensions for Reference Only
Land Pattern Dimensions for Reference Only
Land Pattern Dimensions for Reference Only
Land Pattern Dimensions for Reference Only
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 Land Pattern Dimensions for Reference Only (Unit: mm)
Land Pattern Dimensions for Reference Only (Unit: mm)
Land Pattern Dimensions for Reference Only (Unit: mm)
Land Pattern Dimensions for Reference Only (Unit: mm)
2012-06-12
Rev.4.0



Html Pages

1 2 3 4 5