| データシートサーチシステム |
|
SMS12 データシート(PDF) 5 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
SMS12 データシート(HTML) 5 Page - Protek Devices |
|
5 / 8 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05132.R8 10/12 Page 5 SMS05 - SMS24C APPLICATIoN INFoRMATIoN FIGURE 1 - CoMMoN-MoDE I/o PoRT PRoTECTIoN (UNIDIRECTIoNAL) Circuit connectivity is as follows: • Line 1 connected to pin 1. • Line 2 connected to pin 3. • Line 3 connected to pin 4. • Line 4 connected to pin 6. • Pin 5 connected to ground. • Pin 6 not connected. CIRCUIT BoARD RECoMMENDATIoNS Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended: • The protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. • The path length between the TVS device and the protected line should be minimized. • All conductive loops including power and ground loops should be minimized. • The transient current return path to ground should be kept as short as possible to reduce parasitic inductance. • Ground planes should be used whenever possible. For multilayer PCBs, use ground vias. 1 6 5 2 3 4 Line 1 Line 2 Line 3 Line 4 1 6 5 2 3 4 Line 1 Line 2 Line 3 Line 4 FIGURE 1 - CoMMoN-MoDE I/o PoRT PRoTECTIoN (BIDIRECTIoNAL) Circuit connectivity is as follows: • Line 1 connected to pin 1. • Line 2 connected to pin 3. • Line 3 connected to pin 4. • Line 4 connected to pin 5. • Pin 6 connected to ground. • Pin 2 not connected. |