データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ACT174 データシート(PDF) 1 Page - STMicroelectronics

部品番号 54ACT174
部品情報  Rad-hard advanced high-speed 5 V CMOS logic series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54ACT174 データシート(HTML) 1 Page - STMicroelectronics

  54ACT174 Datasheet HTML 1Page - STMicroelectronics 54ACT174 Datasheet HTML 2Page - STMicroelectronics 54ACT174 Datasheet HTML 3Page - STMicroelectronics 54ACT174 Datasheet HTML 4Page - STMicroelectronics 54ACT174 Datasheet HTML 5Page - STMicroelectronics 54ACT174 Datasheet HTML 6Page - STMicroelectronics 54ACT174 Datasheet HTML 7Page - STMicroelectronics 54ACT174 Datasheet HTML 8Page - STMicroelectronics 54ACT174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
For further information contact your local STMicroelectronics sales office.
April 2012
Doc ID 17352 Rev 3
1/28
1
54ACxxxx, 54ACTxxxx
Rad-hard advanced high-speed 5 V CMOS logic series
Data brief
Features
■ 2 to 6 V operating voltage
■ High speed TPD = 4.5 ns (typ.)
■ Low DC power dissipation: 8 µA max.
■ Symmetrical 24 mA output characteristics
■ High noise immunity: 28% of min. VCC
■ Power-down input protection
■ Balanced propagation delays
■ Improved electrical latch-up immunity
■ Controlled rise and fall times
■ Operating temperature: - 55 to 150 °C
■ Hermetic packages
■ Rad-hard: 300 kRad TID at any Mil1019 dose
rates
■ SEL immune to 110 MeV/cm²/mg LET ions
■ RHA QML-V qualified
■ Same die and electrical specification for
engineering and flight models
Description
The 54AC and 54ACT series represent over 60
product types with different high-speed CMOS
functions, specifically designed to meet the
radiation requirements of the aerospace industry.
They include a large set of gates, flip-flops,
multiplexers, counters, bus interfaces, and several
other functions. Their radiation hardness,
immunity from single event latch-up (SEL) and
single event upset (SEU), and housing in
hermetic packages make them suitable for the
most difficult environmental conditions. The
complete specification for each type is available
from the DSCC web site: www.dscc.dla.mil.
STMicroelectronics guarantees full compliance of
qualified parts with these DSCC specifications.
Flat-14
Flat-16
Flat-20
DIL-14
DIL-16
DIL-20
Flat-48
The upper metallic lid is not electrically connected to any
pins, nor to the IC die inside the package.
www.st.com


同様の部品番号 - 54ACT174

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACT174 NSC-54ACT174 Datasheet
140Kb / 8P
Hex D Flip-Flop with Master Reset
More results

同様の説明 - 54ACT174

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
Advanced Rad-Hardened high speed CMOS 5V logic series
10-May-2007
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com