データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHF350 データシート(PDF) 5 Page - STMicroelectronics

部品番号 RHF350
部品情報  Rad-hard 550 MHz low noise operational amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF350 データシート(HTML) 5 Page - STMicroelectronics

  RHF350 Datasheet HTML 1Page - STMicroelectronics RHF350 Datasheet HTML 2Page - STMicroelectronics RHF350 Datasheet HTML 3Page - STMicroelectronics RHF350 Datasheet HTML 4Page - STMicroelectronics RHF350 Datasheet HTML 5Page - STMicroelectronics RHF350 Datasheet HTML 6Page - STMicroelectronics RHF350 Datasheet HTML 7Page - STMicroelectronics RHF350 Datasheet HTML 8Page - STMicroelectronics RHF350 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
RHF350
Electrical characteristics
Doc ID 15604 Rev 4
5/23
Dynamic performance and output characteristics
ROL
Transimpedance
∆Vout= ±1 V,
RL = 100 Ω
+125 °C
150
244
k
Ω
+25 °C
170
260
-55 °C
150
276
Bw
Small signal -3 dB bandwidth
RL = 100 Ω, AV = +1
+25 °C
550
MHz
RL = 100 Ω, AV = +2
+25 °C
390
RL = 100 Ω, AV = +10
+25 °C
125
RL = 100 Ω, AV = -2
+125 °C
250
380
+25 °C
250
425
-55 °C
250
466
SR
Slew rate(2)
Vout = 2 Vpp,
AV = +2, RL = 100 Ω
+25 °C
700
940
V/
µs
VOH
High level output voltage
RL = 100 Ω
+125 °C
1.3
1.6
V
+25 °C
1.44
1.55
-55 °C
1.3
1.5
VOL
High level output voltage
RL = 100 Ω
+125 °C
-1.6
-1.3
+25 °C
-1.55
-1.44
-55 °C
-1.5
-1.3
Isink
Output sink current
Output to GND
+125 °C
135
210
mA
+25 °C
135
225
-55 °C
135
225
Isource
Output source current
Output to GND
+125 °C
-200
-140
+25 °C
-225
-140
-55 °C
-240
-140
1.
Tmin < Tamb < Tmax: worst case of the parameter on a standard sample across the temperature range. The evaluation is
done on 50 units in the SO-8 plastic package.
2.
Not physically tested. Guaranteed by design, measured on bench.
Table 5.
Electrical characteristics for VCC = ±2.5 V, (unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Temp.(1)
Min.
Typ.
Max.
Unit
Table 6.
Closed-loop gain and feedback components
Gain (V/V)
+ 1
- 1
+ 2
- 2
+ 10
- 10
Rfb (Ω)
820
300
300
300
300
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com