データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPM01 データシート(PDF) 58 Page - STMicroelectronics

部品番号 STPM01
部品情報  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 データシート(HTML) 58 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 52Page - STMicroelectronics STPM01_11 Datasheet HTML 53Page - STMicroelectronics STPM01_11 Datasheet HTML 54Page - STMicroelectronics STPM01_11 Datasheet HTML 55Page - STMicroelectronics STPM01_11 Datasheet HTML 56Page - STMicroelectronics STPM01_11 Datasheet HTML 57Page - STMicroelectronics STPM01_11 Datasheet HTML 58Page - STMicroelectronics STPM01_11 Datasheet HTML 59Page - STMicroelectronics STPM01_11 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
Package mechanical data
STPM01
58/60
Doc ID 10853 Rev 8
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
6.9
7.1
0.272
0.280
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & reel TSSOP20 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60