| データシートサーチシステム |
|
STPM10 データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM10 データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 51 page ![]() STPM10 Theory of operation Doc ID 17728 Rev 3 37/51 where I is the peak current, ω is related to the line frequency and ϕ is the phase difference between voltage and current. 7.23.1 Active power In the STPM10, after the pre-conditioning and the A/D conversion, the digital voltage signal (which is dynamically more stable with respect to the current signal) is processed by a differentiator stage which transforms: Equation 7 v(t) → v’(t) = dv/dt = V ⋅ ω ⋅ cos ωt − [see Figure 26 - 5] the resulting signal, together with the pre-processed and digitalized current signal: Equation 8 i(t) = I ⋅ sin(ωt + ϕ); [see Figure 26 - 6] are then available for the calculation process. These digital signals are also provided to two additional stages, which then integrate of themselves, obtaining: Equation 9 dv/dt → v(t) = V ⋅sin ωt; [see Figure 26 - 7] Equation 10 i(t) → [see Figure 26 - 8] ) t cos( I dt ) t ( i ) t ( I ϕ + ω ⋅ ω − = ⋅ = ∫ |