データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA309B データシート(PDF) 47 Page - STMicroelectronics

部品番号 STA309B
部品情報  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B データシート(HTML) 47 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 43Page - STMicroelectronics STA309B Datasheet HTML 44Page - STMicroelectronics STA309B Datasheet HTML 45Page - STMicroelectronics STA309B Datasheet HTML 46Page - STMicroelectronics STA309B Datasheet HTML 47Page - STMicroelectronics STA309B Datasheet HTML 48Page - STMicroelectronics STA309B Datasheet HTML 49Page - STMicroelectronics STA309B Datasheet HTML 50Page - STMicroelectronics STA309B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
STA309B
Registers
Doc ID 022570 Rev 2
47/66
In AC mode the attack and release thresholds are set relative to full-scale. In DRC mode the
attack threshold is set relative to the maximum volume setting of the channels mapped to
that limiter and the release threshold is set relative to the maximum volume setting, plus the
attack threshold.
Figure 7.
Basic limiter and volume flow diagram
CnLS[1,0]
Channel limiter mapping
00
Channel has limiting disabled
01
Channel is mapped to limiter #1
10
Channel is mapped to limiter #2
LnA[3:0]
Attack rate (dB/ms)
0000
3.1584 (fast)
0001
2.7072
0010
2.2560
0011
1.8048
0100
1.3536
0101
0.9024
0110
0.4512
0111
0.2256
1000
0.1504
1001
0.1123
1010
0.0902
1011
0.0752
1100
0.0645
1101
0.0564
1110
0.0501
1111
0.0451 (slow)
Gain
Attenuation
Saturation
RMS
Limiter
Gain/Volume
t
u
p
t
u
O
t
u
p
n
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66