データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA321MP データシート(PDF) 43 Page - STMicroelectronics

部品番号 STA321MP
部品情報  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MP データシート(HTML) 43 Page - STMicroelectronics

Back Button STA321MP Datasheet HTML 39Page - STMicroelectronics STA321MP Datasheet HTML 40Page - STMicroelectronics STA321MP Datasheet HTML 41Page - STMicroelectronics STA321MP Datasheet HTML 42Page - STMicroelectronics STA321MP Datasheet HTML 43Page - STMicroelectronics STA321MP Datasheet HTML 44Page - STMicroelectronics STA321MP Datasheet HTML 45Page - STMicroelectronics STA321MP Datasheet HTML 46Page - STMicroelectronics STA321MP Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
STA321MP
Equalization and mixing
Doc ID 022647 Rev 1
43/50
8
Equalization and mixing
Figure 8.
Channel mixer
8.1
Post-scale
The STA321MP provides one additional multiplication after the last interpolation stage and
before the distortion compensation on each channel. This is a 24-bit signed fractional
multiply.
The scale factor for this multiply is loaded into RAM using the same I2C registers as the
biquad coefficients and the bass-management.
This post-scale factor can be used in conjunction with an ADC-equipped microcontroller to
perform power-supply error correction. All channels can use channel 1 by setting the post-
scale link bit.
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Channel 7
Channel 8
CxMIX1
CxMIX2
CxMIX3
CxMIX4
CxMIX5
CxMIX6
CxMIX7
CxMIX8
Channel x
AM045333v1
Table 10.
RAM block for biquads, mixing, and bass management
Index
(decimal)
Index
(hex)
Coefficient
Default
0
0x00
Channel 1 - Biquad 1
C1H10 (b1/2)
0x000000
1
0x01
C1H11 (b2)
0x000000
2
0x02
C1H12 (a1/2)
0x000000
3
0x03
C1H13 (a2)
0x000000
4
0x04
C1H14 (b0/2)
0x400000
5
0x05
Channel 1 - Biquad 2
C1H20
0x000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50