データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA3398 データシート(PDF) 68 Page - STMicroelectronics

部品番号 STA3398
部品情報  2.1-channel high-efficiency digital audio system
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA3398 データシート(HTML) 68 Page - STMicroelectronics

Back Button STA3398 Datasheet HTML 64Page - STMicroelectronics STA3398 Datasheet HTML 65Page - STMicroelectronics STA3398 Datasheet HTML 66Page - STMicroelectronics STA3398 Datasheet HTML 67Page - STMicroelectronics STA3398 Datasheet HTML 68Page - STMicroelectronics STA3398 Datasheet HTML 69Page - STMicroelectronics STA3398 Datasheet HTML 70Page - STMicroelectronics STA3398 Datasheet HTML 71Page - STMicroelectronics STA3398 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
Register description
STA339BW
68/77
Doc ID 15251 Rev 5
6.18.3
Extended post scale range
Post scale is an attenuation by default. When PS48DB is set to 1, a 48-dB offset is applied
to the configured word, so postscale can act as a gain too.
6.18.4
Extended attack rate
The attack rate shown in Table 66 can be extended to provide up to 8 dB/ms attack rate on
both limiters.
Table 77.
Post scale setup
PS48DB
Mode
0
Postscale value is applied as defined in coefficient RAM
1
Postscale value is applied with +48-dB offset with respect to the
coefficient RAM value
Table 78.
Extended attack rate setup for limiter 1
XAR1
Mode
0
Limiter1 attack rate is configured using Table 66
1
Limiter1 attack rate is 8 dB/ms
Table 79.
Extended attack rate setup for limiter 2
XAR2
Mode
0
Limiter2 attack rate is configured using Table 66
1
Limiter2 attack rate is 8 dB/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77