データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA369BW データシート(PDF) 32 Page - STMicroelectronics

部品番号 STA369BW
部品情報  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BW データシート(HTML) 32 Page - STMicroelectronics

Back Button STA369BW Datasheet HTML 28Page - STMicroelectronics STA369BW Datasheet HTML 29Page - STMicroelectronics STA369BW Datasheet HTML 30Page - STMicroelectronics STA369BW Datasheet HTML 31Page - STMicroelectronics STA369BW Datasheet HTML 32Page - STMicroelectronics STA369BW Datasheet HTML 33Page - STMicroelectronics STA369BW Datasheet HTML 34Page - STMicroelectronics STA369BW Datasheet HTML 35Page - STMicroelectronics STA369BW Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
Register description
STA369BW
32/88
Doc ID 022033 Rev 1
0x47
Reserved
0x48
NSHAPE
NSHXEN
NSHB7EN
NSHB6EN
NSHB5EN
NSHB4EN
NSHB3EN
NSHB2EN
NSHB1E
N
0x49
CXT[B4B1]
CXTB4[1]
CXTB4[0]
CXTB3[1]
CXTB3[0]
CXTB2[1]
CXTB2[0]
CXTB1[1]
CXTB1[0]
0x4A
CXT[B7B5]
Reserved
Reserved
CXTB7[1]
CXTB7[0]
CXTB6[1]
CXTB6[0]
CXTB5[1]
CXTB5[0]
0x4B
MISC1
RPDNEN
NSHHPEN BRIDGOFF
Reserved
Reserved
CPWMEN
Reserved
Reserved
0x4C
MISC2
Reserved
Reserved
Reserved
PNDLSL[2]
PNDLSL[1]
PNDLSL[0]
Reserved
Reserved
0x4D
Reserved
0x4E
Reserved
0x4F
Reserved
0x50
Reserved
0x51
Reserved
0x52
Reserved
0x53
Reserved
0x54
Reserved
0x55
Reserved
0x56
Reserved
Table 8.
Register summary (continued)
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88