| データシートサーチシステム |
|
STA381BWS データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 171 page ![]() STA381BWS Register description: New Map Doc ID 018937 Rev 6 61/171 Table 34. Supported serial audio input formats for LSB-first (SAIFB = 1) To make the STA381BWS work properly, the serial audio interface LRCKI clock must be synchronous to the PLL output clock. It means that: ● the frequency of PLL clock / frequency of LRCKI = N ±4 cycles, where N depends on the settings in Table 30 ● the PLL must be locked. If these two conditions are not met, and the IDE bit (reg 0x05 bit 2) is set to 1, the STA381BWS will immediately mute the I2S PCM data out (provided to the processing block) and it will freeze any active processing task. BICKI SAI [3:0] SAIFB Interface format 32 * fs 1100 1 I2S 15-bit data 1110 1 Left/right-justified 16-bit data 48 * fs 0100 1 I2S 23-bit data 0100 1 I2S 20-bit data 1000 1 I2S 18-bit data 1100 1 LSB first I2S 16-bit data 0001 1 Left-justified 24-bit data 0101 1 Left-justified 20-bit data 1001 1 Left-justified 18-bit data 1101 1 Left-justified 16-bit data 0010 1 Right-justified 24-bit data 0110 1 Right-justified 20-bit data 1010 1 Right-justified 18-bit data 1110 1 Right-justified 16-bit data 64 * fs 0000 1 I2S 24-bit data 0100 1 I2S 20-bit data 1000 1 I2S 18-bit data 1100 1 LSB first I2S 16-bit data 0001 1 Left-justified 24-bit data 0101 1 Left-justified 20-bit data 1001 1 Left-justified 18-bit data 1101 1 Left-justified 16-bit data 0010 1 Right-justified 24-bit data 0110 1 Right-justified 20-bit data 1010 1 Right-justified 18-bit data 1110 1 Right-justified 16-bit data |