データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7292 データシート(PDF) 16 Page - STMicroelectronics

部品番号 TDA7292
部品情報  40 W 40 W stereo amplifier with mute and standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7292 データシート(HTML) 16 Page - STMicroelectronics

Back Button TDA7292 Datasheet HTML 12Page - STMicroelectronics TDA7292 Datasheet HTML 13Page - STMicroelectronics TDA7292 Datasheet HTML 14Page - STMicroelectronics TDA7292 Datasheet HTML 15Page - STMicroelectronics TDA7292 Datasheet HTML 16Page - STMicroelectronics TDA7292 Datasheet HTML 17Page - STMicroelectronics TDA7292 Datasheet HTML 18Page - STMicroelectronics TDA7292 Datasheet HTML 19Page - STMicroelectronics TDA7292 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Applications information
TDA7292
16/22
Doc ID 15775 Rev 5
Note:
The PCB layout shown in Figure 19, 20, and 21 is common to the pin-to-pin compatible
devices TDA7269A, TDA7265 and TDA7265B.
Figure 19.
PCB layout, solder side
Figure 20.
PCB layout, component side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22