データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7404 データシート(PDF) 13 Page - STMicroelectronics

部品番号 TDA7404
部品情報  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 データシート(HTML) 13 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 9Page - STMicroelectronics TDA7404_08 Datasheet HTML 10Page - STMicroelectronics TDA7404_08 Datasheet HTML 11Page - STMicroelectronics TDA7404_08 Datasheet HTML 12Page - STMicroelectronics TDA7404_08 Datasheet HTML 13Page - STMicroelectronics TDA7404_08 Datasheet HTML 14Page - STMicroelectronics TDA7404_08 Datasheet HTML 15Page - STMicroelectronics TDA7404_08 Datasheet HTML 16Page - STMicroelectronics TDA7404_08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
TDA7404
Description of functionality
13/35
4
Description of functionality
4.1
Input stages
Most of the input stages have remained the same as in preceding ST-Audioprocessors with
exception of the CD-inputs (see Figure 3). In the meantime there are some CD-players in
the market which have a significant high source-impedance which effects strongly the
common-mode-rejection of the normal differential input stage.
The additional buffer of the TDA7404 Diff:
input avoids this drawback and offers the full common-mode-rejection even with those
CD-players.
Figure 3.
Input stages diagram
1.
It is possible that the Differential input is switched a single ended input (SE4) like SE1.. 3.
Diffin+
/(SE 4)
Inga in
28k
28k
28k
28k
Diffgnd
Mono+
Mono -
SE1
SE2
SE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35