データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7512F データシート(PDF) 43 Page - STMicroelectronics

部品番号 TDA7512F
部品情報  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F データシート(HTML) 43 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 37Page - STMicroelectronics TDA7512F Datasheet HTML 38Page - STMicroelectronics TDA7512F Datasheet HTML 39Page - STMicroelectronics TDA7512F Datasheet HTML 40Page - STMicroelectronics TDA7512F Datasheet HTML 41Page - STMicroelectronics TDA7512F Datasheet HTML 42Page - STMicroelectronics TDA7512F Datasheet HTML 43Page - STMicroelectronics TDA7512F Datasheet HTML 44Page - STMicroelectronics TDA7512F Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
TDA7512F
Application notes
Doc ID 12668 Rev 2
43/45
Appendix B
Application notes
Following items are important to get highest performance of TDA7512F in application:
1.
In order to avoid leakage current from PLL loop filter input to ground a guardring is
recommended around loop filter PIN’s with PLL reference voltage potential.
2.
Distance between Xtal and VCO input PIN 18 should be far as possible and Xtal
package should get a shield versus ground.
3.
Blocking of VCO supply should be near at PIN 16 and PIN 17.
4.
Wire lenght to FM mixer1 input and output should be symetrically and short.
5.
FM demodulator capacitance at PIN 44 should be sense connected as short as
possible versus demodulator ground at PIN 47.
6.
With respect to THD capacitive coupling from PIN 20 to VCO should be avoided.
Capacitance at PIN 20 has be connected versus VCC2 ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45