| データシートサーチシステム |
|
INDART データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
INDART データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() Ordering information INDART, STXF-INDART/USB, ST7FLIT0-IND/USB, ST7C334-INDART 2/3 Doc ID 11211 Rev 3 Ordering information InDART starter kits can be ordered from Softec Microsystems™ or from your nearest ST distributor or sales office. Use the following table to determine which inDART MCU is best adapted to your requirements. For more information and documentation, please refer to the Softec Microsystems™ web site or the STMicroelectronics microcontroller support site on www.st.com. Revision history Table 2. InDART details Microcontroller Order code Advanced breakpoints Real time Evaluation board (MCU) Host PC connection All ST7 Flash MCUs STXF-INDART/USB Yes(1) 1. Advanced breakpoints only for MCUs with on-chip debug module Yes(2) 2. Real time, with breakpoint limitation for MCUs without on chip debug modules USB ST7FLITE0x ST7FLIT0-IND/USB Yes(1) Yes(2) Yes (ST7FLite09 – DIP16) USB ST7FLITE2x see www.smh-tech.com Yes(1) Yes(2) Yes (ST7FLite29 – DIP16) USB ST72F264 see www.smh-tech.com Yes(1) Yes(2) Yes (ST7F2649 – SDIP32) USB ST72F521 see www.smh-tech.com Yes(1) Yes(2) Yes (ST7F521 – TQFP64)(3) 3. This evaluation board also supports ST72F32x USB ST72C104 ST72C215 ST72C216 ST72C254 see www.smh-tech.com Yes Yes (ST7C254 – SDIP32) Parallel ST72C124 ST72C314 ST72C334 ST7C334-INDART Yes Yes (ST7C334 – DIP56) Parallel ST7FLITE0x see www.smh-tech.com Yes Yes (ST7FLite09 – DIP16) Parallel ST72F26x see www.smh-tech.com Yes Yes (ST7F264 – SDIP32) Parallel Table 3. Document revision history Date Revision Changes 01-Feb-2005 1 Initial release. 30-Mar-2009 2 Modified references to inDart-ST7 to inDART, in line with product family name. 30-May-2011 3 Modified Table 1: Device summary and Table 2: InDART details. Added INDART to root part number list. |