| データシートサーチシステム |
|
SPC56AP54X データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56AP54X データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 104 page ![]() This is information on a product in full production. May 2012 Doc ID 18340 Rev 3 1/104 1 SPC56AP60x, SPC56AP54x SPC560P60x, SPC560P54x 32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications Datasheet production data Features ■ 64 MHz, dual issue, 32-bit CPU core complex (e200z0h) – Compliant with Power Architecture® embedded category – Variable Length Encoding (VLE) ■ Memory organizazion – Up to 1024 KB on-chip code Flash memory with additional 64 KB for EEPROM emulation (data flash), with ECC, with erase/program controller – Up to 80 KB on-chip SRAM with ECC ■ Fail safe protection – ECC protection on system SRAM and Flash – Safety port – SWT with servicing sequence pseudo- random generator – Power management – Non-maskable interrupt for both cores – Fault collection and control unit (FCCU) – Safe mode of system-on-chip (SoC) – Register protection scheme ■ Nexus® L2+ interface ■ Single 3.3 V or 5 V supply for I/Os and ADC ■ 2 on-platform peripherals set with 2 INTC ■ 16-channel eDMA controller with multiple transfer request sources ■ General purpose I/Os (80 GPIO + 26 GPI on LQFP144; 49 GPIO + 16 GPI on LQFP100) ■ 2 general purpose eTimer units – 6 timers, each with up/down count capabilities – 16-bit resolution, cascadable counters – Quadrature decode with rotation direction flag – Double buffer input capture and output compare ■ Communications interfaces – 2 LINFlex modules (LIN 2.1, 1 × Master/Slave, 1 × Master Only) – 5 DSPI modules with automatic chip select generation – 2 FlexCAN interfaces (2.0B Active) with 32 message buffers – 1 Safety port based on FlexCAN; usable as third CAN when not used as safety port – 1 FlexRay™ module (V2.1) with dual or single channel, 64 message buffers and up to 10 Mbit/s ■ 2 CRC units with three contexts and 3 hardwired polynomials(CRC8,CRC32 and CRC-16-CCITT) ■ 10-bit A/D converter – 27 input channels and pre-sampling feature – Conversion time < 1 µs including sampling time at full precision – Programmable cross triggering unit (CTU) – 4 analog watchdog with interrupt capability ■ On-chip CAN/UART Bootstrap loader with boot assist module (BAM) ■ Ambient temperature ranges: –40 to 125 °C or –40 to 105 °C Table 1. Device summary Package Part number 768 KB Flash 1 MB Flash LQFP144 SPC560P54L5 SPC56AP54L5 SPC560P60L5 SPC56AP60L5 LQFP100 SPC560P54L3 SPC56AP54L3 SPC560P60L3 SPC56AP60L3 LQFP100 14 x 14 mm LQFP144 20 x 20 mm www.st.com |
同様の部品番号 - SPC56AP54X |
|
同様の説明 - SPC56AP54X |